Part Number Hot Search : 
1N5819 10X12 BAS52 9816G PC3H715 SNXXX 5308H5 MP4005
Product Description
Full Text Search
 

To Download MBR870 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR870 thru MBR8100
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
Dimensions TO-220AC A C(TAB) A C C
Dim. A B C D E F G H J K L M N Q Inches Min. Max. 0.500 0.580 0.560 0.650 0.380 0.420 0.139 0.161 2.300 0.420 0.100 0.135 0.045 0.070 0.250 0.025 0.035 0.190 0.210 0.140 0.190 0.015 0.022 0.080 0.115 0.025 0.055 Milimeter Min. Max. 12.70 14.73 14.23 16.51 9.66 10.66 3.54 4.08 5.85 6.85 2.54 3.42 1.15 1.77 6.35 0.64 0.89 4.83 5.33 3.56 4.82 0.38 0.56 2.04 2.49 0.64 1.39
A=Anode, C=Cathode, TAB=Cathode VRRM V 70 80 90 100 VRMS V 49 56 63 70 VDC V 70 80 90 100
MBR870 MBR880 MBR890 MBR8100 Symbol I(AV) IFSM dv/dt
Characteristics Maximum Average Forward Rectified Current @TC=110oC
Maximum Ratings 8 125 10000 IF=8A IF=8A IF=16A IF=16A @TJ=25oC @TJ=125oC @TJ=25oC @TJ=125oC @TJ=25oC @TJ=125oC 0.85 0.75 0.95 0.85 0.1 7 2.0 280 -55 to +150 -55 to +175
Unit A A V/us
Peak Forward Surge Current 8.3ms Single Half-Sine-Wave Superimposed On Rated Load (JEDEC METHOD) Voltage Rate Of Change (Rated VR) Maximum Forward Voltage (Note 1)
VF
V
IR ROJC CJ TJ TSTG
Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Thermal Resistance (Note 2) Typical Junction Capacitance (Note 3) Operating Temperature Range Storage Temperature Range
mA
o
C/W pF
o o
C C
NOTES: 1. 300us Pulse Width, Duty Cycle 2%. 2. Thermal Resistance Junction To Case. 3. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC.
FEATURES
* Metal of silicon rectifier, majority carrier conducton * Guard ring for transient protection * Low power loss, high efficiency * High current capability, low VF * High surge capacity * For use in low voltage, high frequency inverters, free whelling, and polarity protection applications
MECHANICAL DATA
* Case: TO-220AC molded plastic * Polarity: As marked on the body * Weight: 0.08 ounces, 2.24 grams * Mounting position: Any
MBR870 thru MBR8100
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
10
PEAK FORWARD SURGE CURRENT, AMPERES
FIG.1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
150 125 100 75 50 25 0 1 2 5 10 20 50 100
8
6 4
2
RESISTIVE OR INDUCTIVE LOAD
8.3ms Single Half-Sine-Wave (JEDEC METHOD)
0
25
50
75
100
125
150
175
CASE TEMPERATURE , C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
100
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT ,(A)
INSTANTANEOUS REVERSE CURRENT ,(mA)
10
TJ = 125 C
10
1
TJ = 75 C
0.1
1.0
0.01
TJ = 25 C
TJ = 25 C PULSE WIDTH 300ua 300us 2% Duty cycle
0.001 0 20 40 60 80 100 120 140
0.1 0.1 0.2 0.3 0.4 0.5
PERCENT OF RATED PEAK REVERSE VOLTAGE ,(%)
0.6
0.7
0.8
0.9
1.0
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE
10000
CAPACITANCE , (pF)
1000
TJ = 25 C, f= 1MHz
100 0.1 1 4 10 100
REVERSE VOLTAGE , VOLTS


▲Up To Search▲   

 
Price & Availability of MBR870

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X